Part Number Hot Search : 
HCS500 N611216 TE5397 PMV50UPE RGF1JA MS1329 TEA1067 SI472
Product Description
Full Text Search
 

To Download 2N6439 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by 2N6439/D
NPN Silicon RF Power Transistor
. . . designed primarily for wideband large-signal output amplifier stages in the 225 to 400 MHz frequency range. * Guaranteed Performance in 225 to 400 MHz Broadband Amplifier @ 28 Vdc Output Power = 60 Watts over 225 to 400 MHz Band Minimum Gain = 7.8 dB @ 400 MHz * Built-In Matching Network for Broadband Operation Using Double Match Technique * 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR * Gold Metallization System for High Reliability Applications
2N6439
60 W, 225 to 400 MHz CONTROLLED "Q" BROADBAND RF POWER TRANSISTOR NPN SILICON
CASE 316-01, STYLE 1
MAXIMUM RATINGS*
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Total Device Dissipation @ TC = 25C (1) Derate above 25C Storage Temperature Range Symbol VCEO VCBO VEBO PD Tstg Value 33 60 4.0 146 0.83 - 65 to + 200 Unit Vdc Vdc Vdc Watts W/C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 1.2 Unit C/W
ELECTRICAL CHARACTERISTICS* (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 50 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = 50 mAdc, VBE = 0) Emitter-Base Breakdown Voltage (IE = 5.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 30 Vdc, IE = 0) V(BR)CEO V(BR)CES V(BR)EBO ICBO 33 60 4.0 -- -- -- -- -- -- -- -- 2.0 Vdc Vdc Vdc mAdc
NOTE: (continued) 1. These devices are designed for RF operation. The total device dissipation rating applies only when the devices are operated as RF amplifiers. * Indicates JEDEC Registered Data.
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1994
2N6439 1
ELECTRICAL CHARACTERISTICS* -- continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC = 1.0 Adc, VCE = 5.0 Vdc) hFE 10 -- 100 --
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 28 Vdc, IE = 0, f = 1.0 MHz) Cob -- 67 75 pF
BROADBAND FUNCTIONAL TESTS (Figure 6)
Common-Emitter Amplifier Power Gain (VCC = 28 Vdc, Pout = 60 W, f = 225 - 400 MHz) Electrical Ruggedness (Pout = 60 W, VCC = 28 Vdc, f = 400 MHz, VSWR 30:1 all phase angles) GPE No Degradation in Output Power 7.8 8.5 -- dB --
NARROW BAND FUNCTIONAL TESTS (Figure 1)
Common-Emitter Amplifier Power Gain (VCC = 28 Vdc, Pout = 60 W, f = 400 MHz) Collector Efficiency (VCC = 28 Vdc, Pout = 60 W, f = 400 MHz) * Indicates JEDEC Registered Data. GPE 7.8 55 10 -- -- -- dB %
C8 L2 C5 C1 L1 C7 L3 C6 L5 C3 DUT C4
C11
C2
R1 C1 to C4, C11 -- 4.0 - 40 pF C5 to C8 -- 33 pF C9 -- 1000 pF C10 -- 5.0 F R1 -- 15 L1, L2 -- 3/16 x 1 Copper Strap L3 -- 1.5 H L4 -- 10 H L5 -- 1 Turn #16 AWG, 5/16 I.D.
L4
C9
C10
VCC = 28 V
Figure 1. 400 MHz Test Amplifier (Narrow Band)
2N6439 2
MOTOROLA RF DEVICE DATA
NARROW BAND DATA
100 Pout , OUTPUT POWER (WATTS)
VCC = 28 V Pout , OUTPUT POWER (WATTS) Pin = 8 W 6W
120 VCC = 28 V 100 f = 225 MHz 400 MHz 80
80
60
40
4W
60
20 0 200
2W
40
250
300 350 f, FREQUENCY (MHz)
400
450
20
0
2
4
6 8 10 12 14 Pin, INPUT POWER (WATTS)
16
18
20
Figure 2. Pout versus Frequency
Figure 3. Output Power versus Input Power
12 G PE , COMMON-EMITTER AMPLIFIER POWER GAIN (dB) Pout = 60 W VCC = 28 V 11
100 Pout , OUTPUT POWER (WATTS) f = 400 MHz 80 Pin = 6 W 60 4W 40
10
9
20
8 200
250
300 350 f, FREQUENCY (MHz)
400
450
0 10
14
18 22 VCC, SUPPLY VOLTAGE (VOLTS)
26
30
Figure 4. Power Gain versus Frequency
Figure 5. Output Power versus Supply Voltage
100 Pout , OUTPUT POWER (WATTS) f = 225 MHz 80 Pin = 8 W 60 4W 40
20 0 10
14
18 22 VCC, SUPPLY VOLTAGE (VOLTS)
26
30
Figure 6. Output Power versus Supply Voltage
MOTOROLA RF DEVICE DATA
2N6439 3
R1 B C13 + - L1 L2 A C12 L5 0.5 L4 0.8 C8 4:1 C2 C3 C4 C5 C6 C7 C9 C10 C11 4:1 T2 50 LINE RFC1 C14 C16 C15 VCC
DUT 50 LINE T1 C1
A
L3
R2
C17
C1 -- 68 pF C2, C4, C8, C10 -- 27 pF C3, C5, C11 -- 10 pF C6, C7 -- 51 pF C9 -- 1.0 - 10 pF JOHANSON C12 -- 100 pF C13, C15 -- 680 pF C14, C16 -- 1.0 F, 35 V Tantalum C17 -- 0.1 F, ERIE Red Cap
RFC1 -- Ferrite Bead Choke, Feroxcube VK200 19/4B B -- Ferroxcube 56-590-65/4B Ferrite Bead T1, T2 -- 25 Ohms (UT25) Miniature Coaxial Cable, 1 turn R1 -- 11 , 1.0 W R2 -- 20 , 1/4 W L1 -- 10 Turns, #22 AWG, 1/8 I.D. L2 -- 4 Turns, #16 AWG, 1/4 I.D. L3 -- 6 Turns, #24 AWG, 1/8 I.D. L4, L5 -- 1 x 0.25 Microstrip Line Board Material 0.031 Thick Teflon-Fiberglass
Figure 7. 225 to 400 MHz Broadband Test Circuit Schematic
BROADBAND DATA (Circuit, Figure 7)
10 100 Pout = 60 W VCC = 28 V
G PE , POWER GAIN (dB)
8 6 EFFICIENCY (%) 250 300 350 f, FREQUENCY (MHz) 400
80
Pout = 60 W VCC = 28 V
60 40
4
2
20 0
0
200
200
250
300 350 f, FREQUENCY (MHz)
400
Figure 8. Power Gain versus Frequency
Figure 9. Efficiency versus Frequency
2N6439 4
MOTOROLA RF DEVICE DATA
6 Pout = 60 W VCC = 28 V
0.1
5 INPUT VSWR
450 400
0.2 .3
f = 225 MHz
0.1 Zin 275 Pout = 60 W, VCC = 28 V 350
4
ZOL* 450
3
2
1
200
250
300 350 f, FREQUENCY (MHz)
400
275 350 400 FREQUENCY MHz ZOL* = Conjugate of the optimum load 225 ZOL* = impedance into which the device 275 ZOL* = output operates at a given output 350 ZOL* = power, voltage and frequency. 400 450
f = 225 MHz
Zin OHMS 0.7 + j1.6 0.9 + j2.2 2.2 + j2.1 1.2 + j0.6 0.5 + j1.6
ZOL* OHMS 2.2 - j1.8 2.1 - j0.9 2.1 - j0.1 2.0 + j0.2 1.9 + j0.9
Figure 10. Input VSWR versus Frequency
Figure 11. Series Equivalent Input-Output Impedance
MOTOROLA RF DEVICE DATA
2N6439 5
PACKAGE DIMENSIONS
D R
3
F
4
K
NOTES: 1. FLANGE IS ISOLATED IN ALL STYLES. INCHES MIN MAX 24.38 25.14 12.45 12.95 5.97 7.62 5.33 5.58 2.16 3.04 5.08 5.33 18.29 18.54 0.10 0.15 10.29 11.17 3.81 4.06 3.81 4.31 2.92 3.30 3.05 3.30 11.94 12.57 MILLIMETERS MIN MAX 0.960 0.990 0.490 0.510 0.235 0.300 0.210 0.220 0.085 0.120 0.200 0.210 0.720 0.730 0.004 0.006 0.405 0.440 0.150 0.160 0.150 0.170 0.115 0.130 0.120 0.130 0.470 0.495
1
Q
2
L B J E N H A U
STYLE 1: PIN 1. 2. 3. 4.
C
DIM A B C D E F H J K L N Q R U
EMITTER COLLECTOR EMITTER BASE
CASE 316-01 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
2N6439 6
*2N6439/D*
2N6439/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of 2N6439

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X